Part Number Hot Search : 
ARV241 MA2B182 30M125 P6KE200C LPBA50M 223ML 2N3859A H0013NL
Product Description
Full Text Search
 

To Download TC3-5S2433 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model number *output voltage -9/2010- output current output power 4.95w 7.5w 7.5w 7.5w 7.5w 7.5w 7.5w 7.5w 7.5w 1500 ma 1500 ma 625 ma 500 ma 312 ma 750 ma 312 ma 250 ma 208 ma 3.3 vdc 5 vdc 12 vdc 15 vdc 24 vdc 5 vdc 12 vdc 15 vdc 24 vdc tc3-5s123.3 tc3-7.5s1205 tc3-7.5s1212 tc3-7.5s1215 tc3-7.5s1224 tc3-7.5d1205 tc3-7.5d1212 tc3-7.5d1215 tc3-7.5d1224 tc3-5s483.3 tc3-7.5s4805 tc3-7.5s4812 tc3-7.5s4815 tc3-7.5s4824 tc3-7.5d4805 tc3-7.5d4812 tc3-7.5d4815 tc3-7.5d4824 tc3-5s243.3 tc3-7.5s2405 tc3-7.5s2412 tc3-7.5s2415 tc3-7.5s2424 tc3-7.5d2405 tc3-7.5d2412 tc3-7.5d2415 tc3-7.5d2424 18-36 vdc in 36-72 vdc in 9-18 vdc in trumpower dc/dc converters tumbler technologies + trumpower ? santa clara, ca ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com tc3 series 2:1 input, 5 to 7.5 watt t electrical specifications all specifications typical @+25c, nominal line, and full load unless otherwise noted. input specifications nominal line, 9-18v input.................................12 vdc 18-36v input................................24 vdc 36-72v input...............................48 vdc input filter........................................................pi type output specifications voltage accuracy..........................................1%, max. voltage balance, dual ouput..................................1% line regulation..........................................0.5%, max. load regulation, fl-25%fl.......................0.5%, max. minimum load.........................................................5% ripple and noise, 20mhz bw..............150mvp-p, max. short circuit protection...............................continuous short circuit restart......................................automatic general specifications efficiency.........................................................80-85% isolation voltage, input to output..........1,500 vdc, min. switching frequency................................200 khz, typ. operating temperature range...............-25c to +71c case temperature......................................100c max. derating................................................................none storage temperature range................-40c to +125c cooling...........................................free air convection safety standards........meets ul 1950, en60950, iec950 emi/rfi..................................five-side shielded case conducted emi....meets fcc class a, en55022 class a case material..............metal with non-conductive base 0.40 (10.2) 2.00 (50.8) 0.60 (15.2) * np (no pin) on single output models pin size: 0.04 inch (1.0 mm) dia. all dimensions in inches (mm) +in -in -out +out 0.80 (20.3) 0.20 (5.1) 0.60 (15.2) 1.00 (25.4) bottom view com /np* 0.10 (2.54) 0.20 (5.0) min. 0.40 (10.2) 0.40 (10.2) *contact the factory for other outputs.


▲Up To Search▲   

 
Price & Availability of TC3-5S2433

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X